Part Number Hot Search : 
5KP11CA 211ID LT1413A KN3906 STLC5412 MAX3345E TCSCS0J SKR15
Product Description
Full Text Search
 

To Download INTERNET350U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  internet office 350va ultra-compact standby 120v ups with usb port model number: INTERNET350U description tripp lite's INTERNET350U standby ups system offers complete protection from blackouts, brownouts and transient surges on both ac and dialup modem lines. provides seamless battery support during brownouts and power failures with enough runtime to save and shutdown connected equipment without data loss. offers complete power protection in an ultra-compact, flat-pack housing with an appearance closer to a power strip than other bulky ups designs. includes 3 battery supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port enables optional unattended system shutdown without data loss in the case of extended power failure. poweralert software available via free download from www.tripplite.com, includes bundled usb cable. built-in single line rj11 phone suppression jacks with line splitter protects up to two directly connected modems, fax machines, cordless phones or other peripherals with a standard dialup phone connection. built-in audible alarm and front panel leds offer continuous status information regarding line and battery power operation. 350va/180 watt power handling ability supports entry-level pc systems for up to 15 minutes during power fail conditions. $100,000 ulrtimate lifetime insurance (usa, puerto rico, & canada only) features INTERNET350U standby ups offers complete protection from blackouts, brownouts and surges on both ac and tel/dsl line connections 6 widely spaced outlets accommodate large transformer plugs without blocking outlets 3 battery supported outlets protect computer, monitor and vital system peripherals, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support provides battery derived ac output during blackouts and brownouts 350va/180 watt power handling ability supports a variety of pcs, workstations and other sensitive electronics supports entry-level pc systems up to 12 minutes during blackout conditions built-in single line tel/dsl line surge suppression protects modems, fax machines or cordless phones on a single phone line connection usb port, free poweralert software (available via web download) and cabling offer safe unattended shutdown without data loss during extended outages hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. supports tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment space saving, ultra-compact housing fits almost anywhere highlights 350va ultra-compact 120v standby ups maintains ac output during power failures 3 ups battery supported outlets, 3 surge-only outlets usb port, tel/dsl protection, wall mountable, 99% efficient nema 5-15p input plug and 6 nema 5-15r outlets package includes INTERNET350U ups system usb cable instruction manual 1 / 5
space saving, ultra-compact housing fits almost anywhere specifications output output volt amp capacity (va) 350 output watt capacity (watts) 180 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 6 5-15r outlet(s) surge suppression only outlets 3 ups outlets, 3 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 3.1 minutes (180w) half load runtime (minutes) 11.3 minutes (90w) dc system voltage (vdc) 12 leds alarms & switches led indicators 2 leds indicate power status and overload/check battery status alarms audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation 2 / 5
surge / noise suppression ups ac suppression joule rating 380 joules ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop primary form factor desktop ups / power module dimensions in primary form factor (height x width x depth / inches) 3 x 8 x 6.4 ups / power module dimensions in primary form factor (height x width x depth / cm) 7.5 x 20.4 x 16.1 ups / power module weight (lbs) 5 ups / power module weight (kg) 2.3 ups shipping dimensions (height x width x depth / inches) 4.1 x 11.3 x 7.7 ups shipping dimensions (height x width x depth / cm) 10.5 x 28.7 x 19.5 shipping weight (lbs) 5.8 shipping weight (kg) 2.6 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 6 battery mode btu / hr. (full load) 134.3 ac mode efficiency rating (100% load) 99% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications 3 / 5
line / battery transfer transfer time 4 milliseconds (ac to battery mode) / 2 milliseconds (battery to ac mode) low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance related items optional products model number description qty. watchdogsw watchdog service monitoring / reboot software 1 pdub15 single-phase hot-swap pdu, 1.4kw 15a 120v, 2u horizontal rackmount, 8 nema 5-15r outlets, set of 2 nema 5-15p input plugs 1 wext5-internet 5-year extended warranty - for internet office, avr and eco series ups systems 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/INTERNET350U . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. 4 / 5
specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? INTERNET350U? internet 350u


▲Up To Search▲   

 
Price & Availability of INTERNET350U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X